PART |
Description |
Maker |
383LX254M016B102V 383L272M200N082 383LX472M200N082 |
High Ripple, Long Life, 2, 4 and 5 pin styles available
|
Cornell Dubilier Electr...
|
CD29LQL |
Larger Size Components Long Useful Life High Ripple Current Industrial Power Supplies
|
Jianghai Europe GmbH
|
ISPGDX160-7Q208 ISPGDX160A-7Q208 ISPGDX120A-7Q160 |
Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 22uF; Voltage: 400V; Case Size: 12.5x20 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 15uF; Voltage: 400V; Case Size: 12.5x20 mm; Packaging: Bulk JT 100C 100#22D PIN RECP In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP100 Electrical Outlet Connector; Contact Plating:Nickel; Current Rating:30A RoHS Compliant: Yes DSP-CROSSBAR SWITCH, PQFP208 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP208 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 33uF; Voltage: 400V; Case Size: 16x20 mm; Packaging: Bulk DSP-CROSSBAR SWITCH, PBGA272 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PQFP160 In-System Programmable Generic Digital CrosspointTM DSP-CROSSBAR SWITCH, PBGA272
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp. JDS Uniphase, Corp.
|
EETHC1C123HA EET-HC2C102HA EETHC1C103HA EETHC1E123 |
Long life with high capacitance (30% smaller than HB series) Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
|
Panasonic Semiconductor
|
CS5651 CS5651GN16 CS5651GDW16 CS5651GDWR16 |
Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 220uF; Voltage: 250V; Case Size: 18x31.5 mm; Packaging: Bulk 高性能双通道电流模式控制器,用ENABLE High Performance Dual Channel Current Mode Controller with ENABLE 高性能双通道电流模式控制器,用ENABLE
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
BUK444-200 BUK444-200A BUK444-200B BUK444 |
PowerMOS transistor 功率金属氧化物半导体晶体 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 100uF; Voltage: 200V; Case Size: 16x20 mm; Packaging: Bulk PowerMOS transistor
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
REC-139L |
Precision Linear Transducers, Conductive Plastic, Robust, Side Actuation, Ideally Suited for Applications with Very Long Travels, Long Life, High Accuracy, Excellent Repeatability, Essentially Infinite Resolution
|
Vishay
|
LWY2SG-VHAF-EKJM-1 LWY2SG |
Micro SIDELED? 0.8mm long life Micro SIDELED垄莽 0.8mm long life Micro SIDELED㈢ 0.8mm long life
|
OSRAM GmbH
|
FSP030-2SZN1S055 |
High Efficiency & Long Life
|
FSP TECHNOLOGY INC.
|
FSP40-ZZAP1175VG |
High Efficiency & Long Life
|
FSP TECHNOLOGY INC.
|
MSV1000 |
a long service life battery up to 10years expected life under normal float charge
|
CSB Battery Co., Ltd. http://
|
MSJ260 |
a long sevice life battery up to 20years expected life under normal float charge
|
CSB Battery Co., Ltd.
|